Part Number Hot Search : 
00090 CES2307 MAX9589 25RIA120 7166AST TFS868B 35080 35230004
Product Description
Full Text Search
 

To Download S8740220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
S8740220
Si Push Pull, 40 - 870MHz, 21.5dB min. Gain @ 870MHz, 235mA max. @ 24VDC
FEATURES
* * * * * * Excellent linearity Superior return loss performance Extremely low distortion Optimal reliability Low noise Unconditionally stable under all terminations
S8740220
APPLICATION
* 40 to 870 MHz CATV amplifier systems
DESCRIPTION
* Hybrid Push Pull amplifier module employing silicon dice Si Push Pull Hybrid 40 - 870MHz 21.5dB min. Gain @ 870MHz 235mA max. @ 24VDC
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL
Vi Vov Tstg Tmb
PARAMETER
RF input voltage (single tone) DC supply over-voltage (5 minutes) storage temperature operating mounting base temperature
MIN.
- 40 - 20
MAX.
70 30 + 100 + 100
UNIT
dBmV V C C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30C; ZS = ZL = 75
SYMBOL
Gp SL FL S11 S22
PARAMETER
power gain slope 1) flatness of frequency response 2) input return loss output return loss
CONDITIONS
f = 50 MHz f = 870 MHz f = 40 to 870 MHz f = 40 to 870 MHz f = 40 to 870 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 870 MHz f = 50 MHz f = 50 MHz f = 600 MHz f = 750 MHz f = 870 MHz
MIN.
21.0 21.5 0.2 20.0 20.0 18.5 18.0 -45 -
TYP.
21.5 22.5 1.0
MAX.
22.0 2.0 0.3 +45 4.5 5.0 5.5 6.5 235.0
UNIT
dB dB dB dB dB dB dB dB Deg dB dB dB dB mA
S21 F
phase response noise figure
3.5
Itot
total current consumption (DC)
4.8 220.0
Page 1 of 4
2004 Jun 01
Document Revision Level C
Product Specification
S8740220
Si Push Pull, 40 - 870MHz, 21.5dB min. Gain @ 870MHz, 235mA max. @ 24VDC
Notes: 1) 2)
The slope is defined as the difference between the ideal gain at the start frequency and the ideal gain at the stop frequency. The gain flatness is the deviation of any amplitude value from the ideal gain curve calculated by the following mathematical model: Gain = G + C*SQRT(fx/f1). G = constant gain (frequency independent); C = cable constant; fx = desired frequency; f1 = start frequency. The cable constant C must be optimized during the flatness determination so that the curve best fits the measured gain figures. The start value for C is calculated using the formula Cstart = (Gn-G1)/(SQRT(fn/f1)-1), where Gn = the measured gain at the stop frequency, G1 = the measured gain at the start frequency and fn = stop frequency. The value of G is chosen so that the max. positive deviation of the measured gain from the ideal gain curve is the same as the max. negative deviation. The value of C is adapted by 0.001 until the ideal gain curve best fits the measured curve. The flatness of the module gain is the maximum deviation in measured gain from the optimized gain formula.
CHARACTERISTICS
Table 2: Distortion data; VB = 24V; Tmb = 30C; ZS = ZL = 75
SYMBOL
CTB
PARAMETER
composite triple beat
CONDITION
79 ch. flat; Vo = 44 dBmV 112 ch. flat; Vo = 44 dBmV 2) 132 ch. flat; Vo = 42 dBmV 3) 79 ch. flat; Vo = 44 dBmV 1) 112 ch. flat; Vo = 44 dBmV 2) 132 ch. flat; Vo = 42 dBmV 3) 79 ch. flat; Vo = 44 dBmV 1) 112 ch. flat; Vo = 44 dBmV 2) 132 ch. flat; Vo = 42 dBmV 3)
4) 5) 6) 1)
MIN.
62.0 60.0 59.0
TYP.
- 65.0 - 56.0 - 56.0 - 58.0 - 57.0 - 58,0 - 65 0 - 65.0 - 62.0
MAX.
- 61 0 - 54.0 - 53.0 - 57.0 - 54.0 - 57.0 - 62.0 - 59.0 - 58.0 - 72.0 - 70.0 - 70.0 -
UNIT
dBc
XMOD
cross modulation
dBc
CSO
composite second order distortion second order distortion
dBc
d2
dBc
V0
output voltage
dim = -60 dB 7) dim = -60 dB 8) dim = -60 dB 9)
dBmV
Notes: 1) 2) 3) 4) 5) 6) 7) 8) 9)
79 channels, NTSC frequency raster: 55.25 MHz to 547.25 MHz, +44 dBmV flat output level. 112 channels, NTSC frequency raster: 55.25 MHz to 745.25 MHz, +44 dBmV flat output level. 132 channels, NTSC frequency raster: 55.25 MHz to 865.25 MHz, +42 dBmV flat output level. f1 = 55.25 MHz; V1 = 44 dBmV; f2 = 493.25 MHz; V2 = 44 dBmV; fTEST = f1 + f2 = 548.5 MHz. f1 = 55.25 MHz; V1 = 44 dBmV; f2 = 691.25 MHz; V2 = 44 dBmV; fTEST = f1 + f2 = 746.5 MHz. f1 = 55.25 MHz; V1 = 44 dBmV; f2 = 805.25 MHz; V2 = 44 dBmV; fTEST = f1 + f2 = 860.5 MHz. f1 = 540.25 MHz; V1 = Vo; f2 = 547.25 MHz; V2 = Vo - 6 dB; f3 = 549.25 MHz; V3 = Vo - 6 dB; fTEST = f1 + f2 - f3 = 538.25 MHz, according to DIN45004B. f1 = 740.25 MHz; V1 = Vo; f2 = 747.25 MHz; V2 = Vo - 6 dB; f3 = 749.25 MHz; V3 = Vo - 6 dB; fTEST = f1 + f2 - f3 = 738.25 MHz, according to DIN45004B. f1 = 851.25 MHz; V1 = Vo; f2 = 858.25 MHz; V2 = Vo - 6 dB; f3 = 860.25 MHz; V3 = Vo - 6 dB; fTEST = f1 + f2 - f3 = 849.25 MHz, according to DIN45004B.
Composite Second Order (CSO) The CSO parameter (both sum and difference products) is defined by the NCTA. Composite Triple Beat (CTB) The CTB parameter is defined by the NCTA. Cross Modulation (XMOD) Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested.
Page 2 of 4
2004 Jun 01
Document Revision Level C
Product Specification
S8740220
Si Push Pull, 40 - 870MHz, 21.5dB min. Gain @ 870MHz, 235mA max. @ 24VDC
I U
123 5 7 89
E J S T P K
C M R
O Q
oG
N D H L F
A B
B
All Dimensions in mm:
nominal 44,6 0,2 13,6 0,2 20,4 0,5 8 0,15 12,6 0,15 38,1 0,2 4 +0,2 / -0,05 4 0,2 25,4 0,2 UNC 6-32 4,2 0,2 27,2 0,2 11,6 0,5 5,8 0,4 0,25 0,02 0,45 0,03 2,54 0,3 2,54 0,5 2,54 0,25 5,08 0,25 5,08 0,25 min 44,4 13,4 19,9 7,85 12,45 37,9 3,95 3,8 25,2 4,0 27,0 11,1 5,4 0,23 0,42 2,24 2,04 2,29 4,83 4,83 max 44,8 13,8 20,9 8,15 12,75 38,3 4,2 4,2 25,6 4,4 27,4 12,1 6,2 0,27 0,48 2,84 3,04 2,79 5,33 5,33
A
C D E F G H I OUTPUT J K L M N O INPUT
Pinning:
0 5 10mm scale
GND GND GND GND +VB
1
2
34567
8
9
Notes:
European Projection
P Q R S T U
Page 3 of 4
2004 Jun 01
Document Revision Level C
Product Specification
S8740220
Si Push Pull, 40 - 870MHz, 21.5dB min. Gain @ 870MHz, 235mA max. @ 24VDC
DEFINITIONS Data Sheet Status Objective Product Specification Preliminary Product Specification Product Specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Premier Devices reserves the right to make changes without further notice to any products herein. Premier Devices makes no warranty representation or guarantee regarding the suitability of its products for any particular purpose, nor does Premier Devices assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Premier Devices datasheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customers technical experts. Premier Devices does not convey any license under its patent rights nor the rights of others. Premier Devices products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Premier Devices product could create a situation where personal injury or death may occur. Should Buyer purchase or use Premier Devices products for any such unintended or unauthorized application, Buyer shall indemnify and hold Premier Devices and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, and claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Premier Devices was negligent regarding the design or manufacture of the part.
(c) Premier Devices Germany GmbH 2004
How to contact us:
Premier Devices Germany GmbH
Loeffelholzstrasse 20, D-90441 Nuernberg, Germany Phone: +49 (0) 911 9411 233, FAX: +49 (0) 911 9411 198, Email: sales.germany@premierdevices.com, Internet: http://www.premierdevices.de/
Page 4 of 4
2004 Jun 01
Document Revision Level C


▲Up To Search▲   

 
Price & Availability of S8740220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X